Part Number Hot Search : 
D12NF TS210R SF102 CSC0102A SY10E158 RS207 AN260 SI6421DQ
Product Description
Full Text Search
 

To Download MC78L00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC78L00/D
MC78L00, A Three-Terminal Low Current Positive Voltage Regulators
The MC78L00, A Series of positive voltage regulators are inexpensive, easy-to-use devices suitable for a multitude of applications that require a regulated supply of up to 100 mA. Like their higher powered MC7800 and MC78M00 Series cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the MC78L00 devices in many applications. These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output impedance and quiescent current are substantially reduced. * Wide Range of Available, Fixed Output Voltages
P SUFFIX CASE 29
Series
Pin 1. Output 2. GND 3. Input
1
2
3
* * * * * *
Low Cost Internal Short Circuit Current Limiting Internal Thermal Overload Protection No External Components Required Complementary Negative Regulators Offered (MC79L00 Series) Available in either 5% (AC) or 10% (C) Selections
8 1
D SUFFIX PLASTIC PACKAGE CASE 751 (SOP-8)* Vout GND GND NC 5. 6. 7. 8. NC GND GND Vin
Pin 1. 2. 3. 4.
Representative Schematic Diagram
Input Q12 Q1 Q10 3.8k Q4 Q6 5.0k 3.0 0-25k Output
15k
Q3
Q5
Q11
* SOP-8 is an internally modified SO-8 package. Pins 2, 3, 6, and 7 are electrically common to the die attach flag. This internal lead frame modification decreases package thermal resistance and increases power dissipation capability when appropriately mounted on a printed circuit board. SOP-8 conforms to all external dimensions of the standard SO-8 package.
Standard Application
Input Cin* 0.33F MC78LXX Output CO**
1.2k Q2
1.9k
19k C
2.2k Q9 Q8 2.85k
Z1 420
Q7 1.0k Ground
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0 V above the output voltage even during the low point on the input ripple voltage. *Cin is required if regulator is located an *appreciable distance from power supply filter. **CO is not needed for stability; however, it does *improve transient response.
ORDERING INFORMATION
Device MC78LXXACD* MC78LXXACP MC78LXXCP MC78LXXABD* MC78LXXABP* TJ = -40 to +125C TJ = 0 to +125C 0 12 C Operating Temperature Range Package SOP-8 Plastic Power Plastic Power SOP-8 Plastic Power
DEVICE TYPE/NOMINAL VOLTAGE
10% MC78L05C MC78L08C MC78L09C MC78L12C MC78L15C MC78L18C MC78L24C 5% MC78L05AC MC78L08AC MC78L09AC MC78L12AC MC78L15AC MC78L18AC MC78L24AC Voltage 5.0 8.0 9.0 12 15 18 24
XX indicates nominal voltage *Available in 5, 8, 9, 12 and 15 V devices.
(c) Motorola, Inc. 1996
Rev 3
MOTOROLA ANALOG IC DEVICE DATA
1
MC78L00, A Series
MAXIMUM RATINGS (TA = +125C, unless otherwise noted.)
Rating Input Voltage (2.6 V-8.0 V) Input Voltage (12 V-18 V) Input Voltage (24 V) Storage Temperature Range Operating Junction Temperature Range Symbol VI Value 30 35 40 -65 to +150 0 to +150 Unit Vdc
Tstg TJ
C C
ELECTRICAL CHARACTERISTICS (VI = 10 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, - 40C < TJ < +125C (for MC78LXXAB),
0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.) MC78L05AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 7.0 Vdc VI 20 Vdc 8.0 Vdc VI 20 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (7.0 Vdc VI 20 Vdc, 1.0 mA IO 40 mA) (VI = 10 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (8.0 Vdc VI 20 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 8.0 Vdc VI 18 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline Min 4.8 Typ 5.0 Max 5.2 Min 4.6 MC78L05C Typ 5.0 Max 5.4 Unit Vdc mV - - Regload - - VO 4.75 4.75 IIB - - IIB - - Vn RR VI - VO - 41 - - - 40 49 1.7 1.5 0.1 - - - - - - 40 - - - 40 49 1.7 1.5 0.2 - - - V dB Vdc 3.8 - 6.0 5.5 - - 3.8 - 6.0 5.5 mA - - 5.25 5.25 4.5 4.5 - - 5.5 5.5 mA 11 5.0 60 30 - - 11 5.0 60 30 Vdc 55 45 150 100 - - 55 45 200 150 mV
ELECTRICAL CHARACTERISTICS (VI = 14 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, - 40C < TJ < +125C (for MC78LXXAB),
0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.) MC78L08AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 10.5 Vdc VI 23 Vdc 11 Vdc VI 23 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (10.5 Vdc VI 23 Vdc, 1.0 mA IO 40 mA) (VI = 14 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (11 Vdc VI 23 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 12 V VI 23 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline Min 7.7 Typ 8.0 Max 8.3 Min 7.36 MC78L08C Typ 8.0 Max 8.64 Unit Vdc mV - - Regload - - VO 7.6 7.6 IIB - - IIB - - Vn RR VI - VO - 37 - - - 60 57 1.7 1.5 0.1 - - - - - - 36 - - - 52 55 1.7 1.5 0.2 - - - V dB Vdc 3.0 - 6.0 5.5 - - 3.0 - 6.0 5.5 mA - - 8.4 8.4 7.2 7.2 - - 8.8 8.8 mA 15 8.0 80 40 - - 15 6.0 80 40 Vdc 20 12 175 125 - - 20 12 200 150 mV
2
MOTOROLA ANALOG IC DEVICE DATA
MC78L00, A Series
ELECTRICAL CHARACTERISTICS (VI = 15 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, - 40C < TJ < +125C (for MC78LXXAB),
0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.) MC78L09AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 11.5 Vdc VI 24 Vdc 12 Vdc VI 24 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (11.5 Vdc VI 24 Vdc, 1.0 mA IO 40 mA) (VI = 15 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (11 Vdc VI 23 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 13 V VI 24 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - Regload - - VO 8.5 8.5 IIB - - IIB - - Vn RR VI - VO - 37 - - - 60 57 1.7 1.5 0.1 - - - - - - 36 - - - 52 55 1.7 1.5 0.2 - - - V dB Vdc 3.0 - 6.0 5.5 - - 3.0 - 6.0 5.5 mA - - 9.5 9.5 8.1 8.1 - - 9.9 9.9 mA 15 8.0 90 40 - - 15 6.0 90 40 Vdc 20 12 175 125 - - 20 12 200 150 mV Min 8.6 Typ 9.0 Max 9.4 Min 8.3 MC78L09C Typ 9.0 Max 9.7 Unit Vdc mV
ELECTRICAL CHARACTERISTICS (VI = 19 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, - 40C < TJ < +125C (for MC78LXXAB),
0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.) MC78L12AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 14.5 Vdc VI 27 Vdc 16 Vdc VI 27 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (14.5 Vdc VI 27 Vdc, 1.0 mA IO 40 mA) (VI = 19 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (16 Vdc VI 27 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 15 V VI 25 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - Regload - - VO 11.4 11.4 IIB - - IIB - - Vn RR VI - VO - 37 - - - 80 42 1.7 1.5 0.1 - - - - - - 36 - - - 80 42 1.7 1.5 0.2 - - - V dB Vdc 4.2 - 6.5 6.0 - - 4.2 - 6.5 6.0 mA - - 12.6 12.6 10.8 10.8 - - 13.2 13.2 mA 20 10 100 50 - - 20 10 100 50 Vdc 120 100 250 200 - - 120 100 250 200 mV Min 11.5 Typ 12 Max 12.5 Min 11.1 MC78L12C Typ 12 Max 12.9 Unit Vdc mV
MOTOROLA ANALOG IC DEVICE DATA
3
MC78L00, A Series
ELECTRICAL CHARACTERISTICS (VI = 23 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, - 40C < TJ < +125C (for MC78LXXAB), S 0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.)
MC78L15AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 17.5 Vdc VI 30 Vdc 20 Vdc VI 30 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (17.5 Vdc VI 30 Vdc, 1.0 mA IO 40 mA) (VI = 23 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (20 Vdc VI 30 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 18.5 V VI 28.5 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline Min 14.4 Typ 15 Max 15.6 Min 13.8 MC78L15C Typ 15 Max 16.2 Unit Vdc mV - - Regload - - VO 14.25 14.25 IIB - - IIB - - Vn RR VI - VO - 34 - - - 90 39 1.7 1.5 0.1 - - - - - - 33 - - - 90 39 1.7 1.5 0.2 - - - V dB Vdc 4.4 - 6.5 6.0 - - 4.4 - 6.5 6.0 mA - - 15.75 15.75 13.5 13.5 - - 16.5 16.5 mA 25 12 150 75 - - 25 12 150 75 Vdc 130 110 300 250 - - 130 110 300 250 mV
ELECTRICAL CHARACTERISTICS (VI = 27 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, 0C < TJ < +125C, unless otherwise noted.)
MC78L18AC Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 21.4 Vdc VI 33 Vdc 20.7 Vdc VI 33 Vdc 22 Vdc VI 33 Vdc 21 Vdc VI 33 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (21.4 Vdc VI 33 Vdc, 1.0 mA IO 40 mA) (20.7 Vdc VI 33 Vdc, 1.0 mA IO 40 mA) (VI = 27 V, 1.0 mA IO 70 mA) (VI = 27 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (22 Vdc VI 33 Vdc) (21 Vdc VI 33 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 23 V VI 33 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Min 17.3 Typ 18 Max 18.7 Min 16.6 MC78L18C Typ 18 Max 19.4 Unit Vdc
Regline
- - - 45 35 30 15 325 - 275 170 85 - - 16.2 17.1 17.1 - - 3.1 - 18.9 16.2 18.9
32 27
325 275
mV
Regload - - VO - - 19.8 19.8 30 15 170 85
mV
Vdc
IIB - - IIB - - - Vn RR VI - VO - 33 - - - 150 48 1.7 1.5 0.1 - - - - - 32 - - - 150 46 1.7 1.5 0.2 - - - 6.5 6.0 - - 3.1 - 6.5 6.0
mA
mA
V dB Vdc
4
MOTOROLA ANALOG IC DEVICE DATA
MC78L00, A Series
ELECTRICAL CHARACTERISTICS (VI = 33 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, 0C < TJ < +125C, unless otherwise noted.)
MC78L24AC Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 27.5 Vdc VI 38 Vdc 28 Vdc VI 80 Vdc 27 Vdc VI 38 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (28 Vdc VI 38 Vdc, 1.0 mA IO 40 mA) (27 Vdc VI 38 Vdc, 1.0 mA IO 40 mA) (28 Vdc VI = 33 Vdc, 1.0 mA IO 70 mA) (27 Vdc VI 33 Vdc, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (28 Vdc VI 38 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 29 V VI 35 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - - Regload - - VO 21.6 22.8 22.8 IIB - - IIB - - Vn RR VI - VO - 31 - - - 200 45 1.7 1.5 0.1 - - - - - - 30 - - - 200 43 1.7 1.5 0.2 - - - V dB Vdc 3.1 - 6.5 6.0 - - 3.1 - 6.5 6.0 mA - - 25.2 21.6 25.2 mA - 26.4 - 26.4 40 20 200 100 - - 40 20 200 100 Vdc - 50 60 - 300 350 - - - 35 30 - 350 300 - mV Min 23 Typ 24 Max 25 Min 22.1 MC78L24C Typ 24 Max 25.9 Unit Vdc mV
MOTOROLA ANALOG IC DEVICE DATA
5
MC78L00, A Series
Figure 2. Dropout Voltage versus Junction Temperature
2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 TJ, JUNCTION TEMPERATURE (C) 125 IO = 40 mA IO = 1.0 mA Dropout of Regulation is defined as when VO = 2% of VO IO = 70 mA
8.0 VO , OUTPUT VOLTAGE (V) MC78L05C Vout = 5.0 V TJ = 25C IO = 1.0 mA
6.0
4.0
IO = 40 mA 2.0
IO = 100 mA
0
0
2.0
4.0 6.0 VI, INPUT VOLTAGE (V)
8.0
10
Figure 3. Input Bias Current versus Ambient Temperature
4.2 I IB , INPUT BIAS CURRENT (mA) 4.0 3.8 3.6 3.4 3.2 3.0 0 0 25 50 75 100 TA, AMBIENT TEMPERATURE (C) 125 MC78L05C VI = 10 V VO= 5.0 V IO = 40 mA I IB , INPUT BIAS CURRENT (mA) 5.0 4.0 3.0 2.0 1.0 0 0 5.0
V I -V O , INPUT/OUTPUT DIFFERENTIAL VOLTAGE (V)
Figure 1. Dropout Characteristics
Figure 4. Input Bias Current versus Input Voltage
MC78L05C Vout = 5.0 V IO = 40 mA TJ = 25C
10
15 20 25 VI, INPUT VOLTAGE (V)
30
35
40
Figure 5. Maximum Average Power Dissipation versus Ambient Temperature - TO-92 Type Package
10,000 PD, POWER DISSIPATION (mW) R JA, THERMAL RESISTANCE JUNCTION-TO-AIR (C/W)
Figure 6. SOP-8 Thermal Resistance and Maximum Power Dissipation versus P.C.B. Copper Length
PD, MAXIMUM POWER DISSIPATION (W) 170 150 130 110 90 70 50 30 RJA 0 10 20 Graph represents symmetrical layout L PD(max) for TA = 50C 3.2 2.8 2.4 2.0 1.6 1.2 0.8
No Heatsink
1000
100 RJA = 200C/W PD(max) to 25C = 625 mW 10 25 50 75 100 125 150
TA, AMBIENT TEMPERATURE (C)
L, LENGTH OF COPPER (mm)
6
MOTOROLA ANALOG IC DEVICE DATA
III III III I IIIIIII I III
2.0 oz. Copper L 3.0 mm 30 40
0.4 50
MC78L00, A Series
APPLICATIONS INFORMATION
Design Considerations The MC78L00 Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down the circuit when subjected to an excessive power overload condition. Internal Short Circuit Protection limits the maximum current the circuit will pass. In many low current applications, compensation capacitors are not required. However, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. The input bypass capacitor should be selected to provide good high-frequency characteristics to insure stable operation under all load conditions. A 0.33 F or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen.The bypass capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. Good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. Bypassing the output is also recommended.
Figure 7. Current Regulator
Figure 8. 15 V Tracking Voltage Regulator
+20V MC78L15 2 - MC1741 3 + 4 MPS A70 -VO 7 +VO 10k
Input 0.33F
MC78L05 R Constant Current to Grounded Load
0.33F 6
IO
10k
0.33F The MC78L00 regulators can also be used as a current source when connected as above. In order to minimize dissipation the MC78L05C is chosen in this application. Resistor R determines the current as follows: 5.0 V IO = + IB R IIB = 3.8 mA over line and load changes For example, a 100 mA current source would require R to be a 50 , 1/2 W resistor and the output voltage compliance would be the input voltage less 7 V. 6.5 20V MPS U55
Figure 9. Positive and Negative Regulator
+VI 0.33F -VI 0.33F MC79LXX 0.1F -VO MC78LXX 0.1F +VO
MOTOROLA ANALOG IC DEVICE DATA
7
MC78L00, A Series
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 29-04 ISSUE AD A R P
SEATING PLANE
B
F
L K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. DIMENSION F APPLIES BETWEEN P AND L. DIMENSION D AND J APPLY BETWEEN L AND K MINIMUM. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. DIM A B C D F G H J K L N P R V INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.022 0.016 0.019 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.41 0.55 0.41 0.48 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
XX G H V
1
D J C SECTION X-X N N D SUFFIX PLASTIC PACKAGE CASE 751-05 (SOP-8) ISSUE R
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 0.25 B
M
CB
S
A
S
q
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
8
MC78L00/D MOTOROLA ANALOG IC DEVICE DATA
*MC78L00/D*


▲Up To Search▲   

 
Price & Availability of MC78L00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X